Part Number Hot Search : 
2N7002K RS606 1510G R2000F 2SK134 ST211 A3010 2N2028
Product Description
Full Text Search
 

To Download 2861010002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2861010002 printed: 2010-11-09 part number: 2861010002 frequency range: suppression applications for higher frequencies > 250 mhz (61 material) description: 61 multi-aperture core application: suppression components where used: board component part type: multi-aperture cores preferred part: mechanical specifications weight: 46.000 (g) part type information multi-aperture cores are used in suppression applications and in balun (balance-unbalance) and other broadband transformers. they are also employed in airbag designs to prevent accidental activation. -all multi-aperture cores are supplied burnished. -multi-aperture cores in 73 and 43 materials are controlled for impedance only. the 61 nizn material is controlled for both impedance and al value. the high frequency 67 material is controlled for al value. all listed impedance values are typical values. minimum impedance values are specified for the + marked frequencies. the minimum guaranteed impedance is the listed typical impedance less 20%. -multi-aperture cores in 73 and 43 material are measured for impedance on the 4193a vector impedance analyzer. the 61 multi-aperture cores are tested on the 4191a impedance analyzer. all impedance measurements are performed with a single turn to both holes, using the shortest practical wire length. -the 61 and 67 material multi-hole beads are tested for al value. the test frequency is 10 khz at < 10 gauss. the test winding is five turns wound through both holes. -preferred multi-aperture cores are the suggested choice for new designs. samples are readily available and orders have typically shorter lead times than other multi-aperture cores. for any multi-aperture requirement not listed here, feel free to contact our customer service group for availability and pricing. -our 'multi-aperture core kit' (part number 0199000036) is available for proto type evaluation. -explanation of part numbers: digits 1&2 = product class, 3&4 = material grade last digit 2 = burnished.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2861010002 printed: 2010-11-09 mechanical specifications dim mm mm nominal inch tol inch misc. a 30.20 0.60 1.190 - b 28.70 0.70 1.130 - c 15.00 0.40 0.590 - d - - - - e 14.60 0.40 0.575 - f - - - - g - - - - h 6.80 0.2 0.268 - j - - - - k - - - - land patterns v w x y z ref - - - - - - - - - - winding information turns wire 1st wire 2nd wire tested size length length - - - - reel information tape width pitch parts 7 '' parts 13 '' parts 14 '' mm mm reel reel reel - - - - - package size pkg size - (-) electrical specifications typical impedance ( ) 100 mhz 510 250 mhz+ 625 connector plate # holes # rows - - electrical properties a l (nh) 800 min legend + test frequency preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available. the column h(oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. the actual dc h field in the application is this value of h times the actual ni (ampere-turn) product. for the effect of the dc bias on the impedance of the bead material, see figures 18-23 in the application note how to choose ferrite components for emi suppression. a ? turn is defined as a single pass through a hole. l/a - core constant l e : effective path length a e : effective cross-sectional area v e : effective core volume a l - inductance factor ( l __ n 2 ) nl - value of dc ampere-turns n/awg - number of turns/wire size for test coil
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2861010002 printed: 2010-11-09 see next page for further material specifications.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2861010002 printed: 2010-11-09
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2861010002 printed: 2010-11-09


▲Up To Search▲   

 
Price & Availability of 2861010002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X